Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SA Datasheet (PDF) - Sharp Corporation

LH28F016SA Datasheet PDF - Sharp Corporation
Part # LH28F016SA
Download  LH28F016SA Download
File Size   317.11 Kbytes
Page   36 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16M (1M 횞 16, 2M 횞 8) Flash Memory

LH28F016SA Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F016SA Datasheet PDF - Sharp Corporation

Part # LH28F016SA
Download  LH28F016SA Click to download

File Size   317.11 Kbytes
Page   36 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16M (1M 횞 16, 2M 횞 8) Flash Memory

LH28F016SA Datasheet (HTML) - Sharp Corporation


LH28F016SA Product details

INTRODUCTION
Sharp’s LH28F016SA 16M Flash Memory is a revolutionary architecture which enables the design of truly mobile, high performance, personal computing and communication products. With innovative capabilities, 5 V single voltage operation and very high read/write performance, the LH28F016SA is also the ideal choice for designing embedded mass storage flash memory systems.

FEATURES
• User-Configurable x8 or x16 Operation
• User-Selectable 3.3 V or 5 V VCC
• 70 ns Maximum Access Time
• 0.43 MB/sec Write Transfer Rate
• 100,000 Erase Cycles per Block
• 32 Independently Lockable Blocks (64K)
• Revolutionary Architecture
    – Pipelined Command Execution
    – Write During Erase
    – Command Superset of Sharp LH28F008SA
• 50 µA (Typ.) ICC in CMOS Standby
• 1 µA (Typ.) Deep Power-Down
• State-of-the-Art 0.55 µm ETOX™ Flash Technology
• 56-Pin, 1.2 mm × 14 mm × 20 mm TSOP (Type I) Package




Similar Part No. - LH28F016SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
LH28F016SANS-70 SHARP-LH28F016SANS-70 Datasheet
2Mb / 41P
16 Mbit(1 Mbit x 16, 2 Mbit x 8)
More results


Similar Description - LH28F016SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
Flash Memory 16M (1M 횞 16/2M 횞 8)
LHF16KA1 SHARP-LHF16KA1 Datasheet
3Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA3 SHARP-LHF16KA3 Datasheet
2Mb / 58P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA4 SHARP-LHF16KA4 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA6 SHARP-LHF16KA6 Datasheet
2Mb / 59P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA7 SHARP-LHF16KA7 Datasheet
3Mb / 53P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA9 SHARP-LHF16KA9 Datasheet
3Mb / 52P
Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com