Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F016SC-L Datasheet (PDF) - Sharp Corporation

LH28F016SC-L Datasheet PDF - Sharp Corporation
Part # LH28F016SC-L
Download  LH28F016SC-L Download
File Size   306.6 Kbytes
Page   44 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16 M-bit (2 MB x 8) SmartVoltage Flash Memories

LH28F016SC-L Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F016SC-L Datasheet PDF - Sharp Corporation

Part # LH28F016SC-L
Download  LH28F016SC-L Click to download

File Size   306.6 Kbytes
Page   44 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16 M-bit (2 MB x 8) SmartVoltage Flash Memories

LH28F016SC-L Datasheet (HTML) - Sharp Corporation


LH28F016SC-L Product details

DESCRIPTION
The LH28F016SC-L/SCH-L flash memories with SmartVoltage technology are high-density, low-cost, nonvolatile, read/write storage solution for a wide range of applications. Their symmetrically-blocked architecture, flexible voltage and enhanced cycling capability provide for highly flexible component suitable for resident flash arrays, SIMMs and memory cards. Their enhanced suspend capabilities provide for an ideal solution for code + data storage applications.

FEATURES
• SmartVoltage technology
    – 2.7 V (Read-only), 3.3 V or 5 V VCC
    – 3.3 V, 5 V or 12 V VPP
• High performance read access time
    LH28F016SC-L95/SCH-L95
        – 95 ns (5.0±0.25 V)/100 ns (5.0±0.5 V)/120 ns (3.3±0.3 V)/150 ns (2.7 to 3.6 V)
    LH28F016SC-L12/SCH-L12
        – 120 ns (5.0±0.5 V)/150 ns (3.3±0.3 V)/170 ns (2.7 to 3.6 V)
• Enhanced automated suspend options
    – Byte write suspend to read
    – Block erase suspend to byte write
    – Block erase suspend to read
• Enhanced data protection features
    – Absolute protection with VPP = GND
    – Flexible block locking
    – Block erase/byte write lockout during power transitions
• SRAM-compatible write interface
• High-density symmetrically-blocked architecture
    – Thirty-two 64 k-byte erasable blocks
• Enhanced cycling capability
    – 100 000 block erase cycles
    – 3.2 million block erase cycles/chip
• Low power management
    – Deep power-down mode
    – Automatic power saving mode decreases ICC in static mode
• Automated byte write and block erase
    – Command user interface
    – Status register
• ETOXTM∗ V nonvolatile flash technology
• Packages
    – 40-pin TSOP Type I (TSOP040-P-1020) Normal bend/Reverse bend
    – 44-pin SOP (SOP044-P-0600) [LH28F016SC-L]
    – 48-ball CSP (FBGA048-P-0810)




Similar Part No. - LH28F016SC-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F016SCH-L SHARP-LH28F016SCH-L Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F016SCHB SHARP-LH28F016SCHB Datasheet
3Mb / 48P
16Mbit Flash Memory
LH28F016SCHB-L95 SHARP-LH28F016SCHB-L95 Datasheet
3Mb / 48P
16Mbit Flash Memory
LH28F016SCT SHARP-LH28F016SCT Datasheet
867Kb / 17P
Smart voltage 16Mbit Flash Memory
More results


Similar Description - LH28F016SC-L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
LH28F160BG-TL SHARP-LH28F160BG-TL Datasheet
225Kb / 36P
16 M-bit (1 MB x 16) Smart 3 Flash Memories
LH28F160S5-L SHARP-LH28F160S5-L Datasheet
366Kb / 55P
16 M-bit (2 MB x 8/1 MB x 16) Smart 5 Flash Memories (Fast Programming)
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
H28F008SC-V SHARP-H28F008SC-V Datasheet
262Kb / 40P
M-bit (1 MB x 8) Smart 5 Flash Memories
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com