Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT720 Datasheet (PDF) - Micro Commercial Components

BAT720 Datasheet PDF - Micro Commercial Components
Part # BAT720
Download  BAT720 Download
File Size   201.69 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW Schottky Diodes 40 Volts

BAT720 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT720 Datasheet PDF - Micro Commercial Components

Part # BAT720
Download  BAT720 Click to download

File Size   201.69 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW Schottky Diodes 40 Volts

BAT720 Datasheet (HTML) - Micro Commercial Components


BAT720 Product details

Features
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Very Low Forward Voltage Drop
• Guard Ring Protected
• Untral Small Surface Mount Package
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS Compliant. See Ordering Information)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1
• Weight: 0.008 Grams (Approx.)




Similar Part No. - BAT720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT720 PHILIPS-BAT720 Datasheet
47Kb / 8P
Schottky barrier diode
1999 May 26
logo
Galaxy Semi-Conductor H...
BAT720 BILIN-BAT720 Datasheet
151Kb / 3P
Schottky barrier diode
logo
Guangdong Kexin Industr...
BAT720 KEXIN-BAT720 Datasheet
36Kb / 1P
Schottky barrier diode
logo
Shenzhen Jin Yu Semicon...
BAT720 HTSEMI-BAT720 Datasheet
259Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Jiangsu Changjiang Elec...
BAT720 JIANGSU-BAT720 Datasheet
899Kb / 4P
SCHOTTKY BARRIER DIODE
More results


Similar Description - BAT720

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM5817PL MCC-SM5817PL Datasheet
77Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SM5817PL MCC-SM5817PL_11 Datasheet
245Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
SM5819PL-TP MCC-SM5819PL-TP Datasheet
280Kb / 3P
Schottky Barrier Diodes 20 to 40 Volts
logo
Weitron Technology
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
Micro Commercial Compon...
BAT720 MCC-BAT720_13 Datasheet
268Kb / 2P
350mW Schottky Diodes 40 Volts
BAT720WT MCC-BAT720WT Datasheet
383Kb / 3P
350mW Schottky Diodes 40 Volts
SM5817PL MCC-SM5817PL_17 Datasheet
481Kb / 4P
Schottky Barrier Diodes 20 to 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com