Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23A Datasheet (PDF) - Micro Commercial Components

BAV23A Datasheet PDF - Micro Commercial Components
Part # BAV23A
Download  BAV23A Download
File Size   223.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW Small Signal Diode

BAV23A Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV23A Datasheet PDF - Micro Commercial Components

Part # BAV23A
Download  BAV23A Click to download

File Size   223.47 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 350mW Small Signal Diode

BAV23A Datasheet (HTML) - Micro Commercial Components


BAV23A Product details

Features
• Fast Switching Speed
• Operating and storage junction temperature range -65 °C To 150 °C
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)




Similar Part No. - BAV23A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23A DIODES-BAV23A Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23A DIODES-BAV23A Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
NXP Semiconductors
BAV23A NXP-BAV23A Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Diodes Incorporated
BAV23A DIODES-BAV23A Datasheet
126Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
logo
NXP Semiconductors
BAV23A NXP-BAV23A Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
More results


Similar Description - BAV23A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT2907A TSC-MMBT2907A Datasheet
316Kb / 3P
350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_10 Datasheet
382Kb / 4P
350mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAV23ACS MCC-BAV23ACS_13 Datasheet
274Kb / 3P
350mW Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT2907A TSC-MMBT2907A_14 Datasheet
323Kb / 5P
350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_14 Datasheet
229Kb / 5P
350mW, PNP Small Signal Transistor
MMBT3906L TSC-MMBT3906L Datasheet
262Kb / 5P
350mW, PNP Small Signal Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com