Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70DW Datasheet (PDF) - Micro Commercial Components

BAV70DW Datasheet PDF - Micro Commercial Components
Part # BAV70DW
Download  BAV70DW Download
File Size   253.46 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diodes 75 Volts

BAV70DW Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70DW Datasheet PDF - Micro Commercial Components

Part # BAV70DW
Download  BAV70DW Click to download

File Size   253.46 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diodes 75 Volts

BAV70DW Datasheet (HTML) - Micro Commercial Components


BAV70DW Product details

Features
• High Conductance
• Fast Switching Speed
• Ultra-Small Surface Mount Package
• For General Purpose Switching Applications
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Thermal Resistance:625°C/W Junction to Ambient




Similar Part No. - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
62Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 4 - 2
logo
Weitron Technology
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV70DW DIODES-BAV70DW Datasheet
355Kb / 3P
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30132 Rev. 8 - 2
BAV70DW DIODES-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 11 - 2 April 2008
logo
Pan Jit International I...
BAV70DW PANJIT-BAV70DW Datasheet
130Kb / 3P
SURFACE MOUNT SWITCHING DIODES
More results


Similar Description - BAV70DW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148X MCC-1N4148X Datasheet
480Kb / 3P
200mW Switching Diodes
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
200mW Switching Diodes 75 Volts
MMBD4448DW MCC-MMBD4448DW Datasheet
242Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
200mW Switching Diodes
BAV70DW MCC-BAV70DW_13 Datasheet
290Kb / 3P
200mW Switching Diodes 75 Volts
MMBD4448DW MCC-MMBD4448DW_13 Datasheet
293Kb / 3P
200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW_13 Datasheet
213Kb / 4P
200mW Switching Diodes
1N4148X-TP MCC-1N4148X-TP Datasheet
229Kb / 3P
200mW Switching Diodes
1N4148X MCC-1N4148X_17 Datasheet
308Kb / 3P
200mW Switching Diodes
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
200mW Switching Diodes 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com