Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH28F008SA Datasheet (PDF) - Sharp Corporation

LH28F008SA Datasheet PDF - Sharp Corporation
Part # LH28F008SA
Download  LH28F008SA Download
File Size   294.82 Kbytes
Page   35 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4M (512K 횞 8, 256K 횞 16) Flash Memory

LH28F008SA Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F008SA Datasheet PDF - Sharp Corporation

Part # LH28F008SA
Download  LH28F008SA Click to download

File Size   294.82 Kbytes
Page   35 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4M (512K 횞 8, 256K 횞 16) Flash Memory

LH28F008SA Datasheet (HTML) - Sharp Corporation


LH28F008SA Product details

DESCRIPTION
The LH28F400SU-NC is a high performance 4M (4,194,304) block erasable non-volatile random access memory organized as either 256K × 16 or 512K × 8. The LH28F400SU-NC includes thirty-two 16K (16,384) blocks. A chip memory map is shown in Figure 5.
The implementation of a new architecture, with many enhanced features, will improve the device operating characteristics and results in greater product reliability and ease of use.

Among the significant enhancements of the LH28F400SU-NC:
• 5 V Read, Write/Erase Operation (5 V VCC, VPP)
• Low Power Capability
• Improved Write Performance
• Dedicated Block Write/Erase Protection
• Command-Controlled Memory Protection Set/Reset Capability

FEATURES
• User-Configurable x8 or x16 Operation
• 5 V Write/Erase Operation (5 V VPP)
   – No Requirement for DC/DC Converter to Write/Erase
• 60 ns Maximum Access Time
   (VCC = 5.0 V ± 0.25 V)
• 80ns Maximum Access Time
   (VCC = 5.0 V ± 0.5 V)
• 32 Independently Lockable Blocks (16K)
• 100,000 Erase Cycles per Block
• Automated Byte Write/Block Erase
   – Command User Interface
   – Status Register
   – RY»/BY» Status Output
• System Performance Enhancement
   – Erase Suspend for Read
   – Two-Byte Write
   – Full Chip Erase
• Data Protection
   – Hardware Erase/Write Lockout during Power Transitions
   – Software Erase/Write Lockout
• Independently Lockable for Write/Erase
   on Each Block (Lock Block and Protect Set/Reset)
• 5 µA (Typ.) ICC in CMOS Standby
• 0.2 µA (Typ.) Deep Power-Down
• State-of-the-Art 0.45 µm ETOX™ Flash Technology
• 56-Pin, 1.2 mm × 14 mm × 20 mm TSOP (Type I) Package
• 48-Pin, 1.2 mm × 12 mm × 18 mm TSOP (Type I) Package
• 44-Pin, 600-mil SOP Package




Similar Part No. - LH28F008SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SA-12 SHARP-LH28F008SA-12 Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SA-85 SHARP-LH28F008SA-85 Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAN-12 SHARP-LH28F008SAN-12 Datasheet
249Kb / 27P
8M (1M 횞 8) Flash Memory
More results


Similar Description - LH28F008SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU-LC SHARP-LH28F004SU-LC Datasheet
249Kb / 31P
4M (512K 횞 8) Flash Memory
LH28F004SU-NC SHARP-LH28F004SU-NC Datasheet
246Kb / 31P
4M (512K 횞 8) Flash Memory
LH28F004SU-Z1 SHARP-LH28F004SU-Z1 Datasheet
182Kb / 32P
4M (512K 횞 8) Flash Memory
LH28F040SUTD-Z4 SHARP-LH28F040SUTD-Z4 Datasheet
247Kb / 32P
4M (512K 횞 8) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com