Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5116S Datasheet (PDF) - Sharp Corporation

LH5116S Datasheet PDF - Sharp Corporation
Part # LH5116S
Download  LH5116S Download
File Size   58.96 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16K (2K x 8) Static RAM

LH5116S Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5116S Datasheet PDF - Sharp Corporation

Part # LH5116S
Download  LH5116S Click to download

File Size   58.96 Kbytes
Page   7 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 16K (2K x 8) Static RAM

LH5116S Datasheet (HTML) - Sharp Corporation


LH5116S Product details

DESCRIPTION
The LH5116S is a static RAM organized as 2,048 × 8 bits. It is fabricated using silicon-gate CMOS process technology. It operates at a low supply voltage of 3 V ±10%.

FEATURES
• 2,048 × 8 bit organization
• Access time: 1000 ns (MAX.)
• Low-power consumption:
   Operating: 33 mW (MAX.)
   Standby: 3.3 µW (MAX.)
• Fully-static operation
• Three-state outputs
• Single +3 V power supply
• Package: 24-pin, 450-mil SOP




Similar Part No. - LH5116S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116-10 SHARP-LH5116-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116D-10 SHARP-LH5116D-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116H SHARP-LH5116H Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116H-10 SHARP-LH5116H-10 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
More results


Similar Description - LH5116S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA Datasheet
111Kb / 11P
CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
2K x 8 Static RAM
Monday, November 8, 1993
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
2K x 8 Static RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com