Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW156 Datasheet (PDF) - Micro Commercial Components

BAW156 Datasheet PDF - Micro Commercial Components
Part # BAW156
Download  BAW156 Download
File Size   212.07 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 250mW 75Volts Dual Switching Diode

BAW156 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW156 Datasheet PDF - Micro Commercial Components

Part # BAW156
Download  BAW156 Click to download

File Size   212.07 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 250mW 75Volts Dual Switching Diode

BAW156 Datasheet (HTML) - Micro Commercial Components


BAW156 Product details

Features
• Low Leakage Current: Typ. 3pA
• Switching Time: Typ. 0.8s
• Halogen Free Available Upon Request By Adding Suffix "-HF"
• Moisture Sensitivity Level 1
• Epoxy Meets UL 94 V-0 Flammability Rating
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS Compliant. See Ordering Information)




Similar Part No. - BAW156

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW156 PHILIPS-BAW156 Datasheet
69Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156 Datasheet
445Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
351Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30231 Rev. 8 - 2
More results


Similar Description - BAW156

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV170 MCC-BAV170 Datasheet
183Kb / 3P
250mW Low Leakage Diode 85 Volts
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S Datasheet
274Kb / 3P
250mW 300Volt Dual Series Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
250mW 75Volt s Dual Switching Diode
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
logo
Micro Commercial Compon...
MMBD2004S MCC-MMBD2004S_13 Datasheet
307Kb / 3P
250mW 300Volt Dual Series Switching Diode
MMBD2004SWT MCC-MMBD2004SWT Datasheet
332Kb / 3P
250mW 300Volt Dual Series Switching Diode
logo
TT Electronics.
1N4109D2A TTELEC-1N4109D2A Datasheet
204Kb / 3P
250mW SILICON ZENER DIODE
logo
Rectron Semiconductor
BAS316WSV RECTRON-BAS316WSV Datasheet
263Kb / 3P
250mW SOD-323 Fast Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com