Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5164AVH Datasheet (PDF) - Sharp Corporation

LH5164AVH Datasheet PDF - Sharp Corporation
Part # LH5164AVH
Download  LH5164AVH Download
File Size   81.55 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K (8K x 8) Static RAM

LH5164AVH Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5164AVH Datasheet PDF - Sharp Corporation

Part # LH5164AVH
Download  LH5164AVH Click to download

File Size   81.55 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K (8K x 8) Static RAM

LH5164AVH Datasheet (HTML) - Sharp Corporation


LH5164AVH Product details

DESCRIPTION
The LH5164AVH is a static RAM organized as 8,192 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 8,192 × 8 bit organization
• Access time: 200 ns (MAX.)
• Supply current (MAX.):
   Operating: 90 mW
      29 mW (tRC, tWC = 1 µs)
   Standby: 3.6 µW (MAX.) @ 70°C
                10.8 µW (MAX.) @ 85°C
   Data retention:
      0.6 µW (VCC = 3 V, tA = 25°C)
• Low voltage operation: 3.3 V ±0.3 V
• Fully-static operation
• TTL compatible I/O
• Three-state outputs
• Packages:
   28-pin, 450-mil SOP
   28-pin, 8 × 13 mm2 TSOP (Type I)




Similar Part No. - LH5164AVH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
More results


Similar Description - LH5164AVH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
104Kb / 9P
CMOS STATIC RAM 64K (8K x 8-BIT)
logo
Intel Corporation
5164SL INTEL-5164SL Datasheet
329Kb / 9P
64K (8K x 8) CMOS SLOW STATIC RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
CMOS Static RAM 64K (8K x 8-Bit)
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com