Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH521028A Datasheet (PDF) - Sharp Corporation

LH521028A Datasheet PDF - Sharp Corporation
Part # LH521028A
Download  LH521028A Download
File Size   124.48 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K x 18 Static RAM

LH521028A Datasheet (PDF)

Go To PDF Page Download Datasheet
LH521028A Datasheet PDF - Sharp Corporation

Part # LH521028A
Download  LH521028A Click to download

File Size   124.48 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K x 18 Static RAM

LH521028A Datasheet (HTML) - Sharp Corporation


LH521028A Product details

FUNCTIONAL DESCRIPTION
The LH521028 is a high-speed 1,179,648-bit CMOS SRAM organized as 64K × 18. A fast, efficient design is obtained with a CMOS periphery and a matrix constructed with polysilicon load memory cells. The LH521028 is available in a compact 52-Pin PLCC, which along with the six pairs of supply terminals, provide for reliable operation.

FEATURES
• Fast Access Times: 15/17/20/25/35 ns
• Wide Word (18-Bits) for:
    – Improved Performance
    – Reduced Component Count
    – Nine-bit Byte for Parity
• Transparent Address Latch
• Reduced Loading on Address Bus
• Low-Power Stand-by Mode when Deselected
• TTL Compatible I/O
• 5 V ± 10% Supply
• 2 V Data Retention
• JEDEC Standard Pinout
• Package: 52-Pin PLCC




Similar Part No. - LH521028A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
CMOS 64K x 18 Static RAM
More results


Similar Description - LH521028A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
CMOS 64K (8K x 8) Static RAM
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
CMOS 64K x 18 Static RAM
LH5268A SHARP-LH5268A Datasheet
91Kb / 10P
CMOS 64K (8K x 8) Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
CMOS 64K X 4 STATIC RAM
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
CMOS Static RAM 64K
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com