Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA60 Datasheet (PDF) - ORION FANS

OA60 Datasheet PDF - ORION FANS
Part # OA60
Download  OA60 Download
File Size   88.86 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 60 x 30mm (2.36??x 1.18??

OA60 Datasheet (PDF)

Go To PDF Page Download Datasheet
OA60 Datasheet PDF - ORION FANS

Part # OA60
Download  OA60 Click to download

File Size   88.86 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 60 x 30mm (2.36??x 1.18??

OA60 Datasheet (HTML) - ORION FANS




Similar Part No. - OA60

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA600 ORIONFANS-OA600 Datasheet
4Mb / 2P
UL and cUL Recognized
OA600 ORIONFANS-OA600 Datasheet
5Mb / 8P
AC & EC FANS
OA600-DV ORIONFANS-OA600-DV Datasheet
4Mb / 2P
UL and cUL Recognized
OA600-DV ORIONFANS-OA600-DV Datasheet
5Mb / 8P
AC & EC FANS
OA600S ORIONFANS-OA600S Datasheet
4Mb / 2P
UL and cUL Recognized
More results


Similar Description - OA60

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD6038 ORIONFANS-OD6038 Datasheet
467Kb / 1P
DC Vanaxial Fan 60x38mm (2.36' x 1.5')
OD6025 ORIONFANS-OD6025 Datasheet
119Kb / 1P
DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
logo
Delta Electronics, Inc.
AFB0612HC DELTA-AFB0612HC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
FSP TECHNOLOGY INC.
FSP042-1K20 FSP-FSP042-1K20 Datasheet
152Kb / 1P
C ompact size 2" x 4" x 1.18"||" "779857
Medical and ITE approvals
FSP042-1K30 FSP-FSP042-1K30 Datasheet
152Kb / 1P
C ompact size 2" x 4" x 1.18"||" "779859
Medical and ITE approvals
logo
ORION FANS
OA60 ORIONFANS-OA60_16 Datasheet
387Kb / 1P
AC Fan - 115V, 230V 60 x 30mm (2.36??x 1.18??
OD6015 ORIONFANS-OD6015_17 Datasheet
137Kb / 1P
DC Fan - 5, 12, 24V 60 x 15mm (2.36??x 0.59??
logo
PUI audio inc.
ASE06008MR-LW150-R PUIAUDIO-ASE06008MR-LW150-R Datasheet
508Kb / 3P
60 x 30mm speaker with 150mm lead wires for instant integration
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com