Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OA225 Datasheet (PDF) - ORION FANS

OA225 Datasheet PDF - ORION FANS
Part # OA225
Download  OA225 Download
File Size   131.15 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 225 x 80mm (8.86??x 3.15??

OA225 Datasheet (PDF)

Go To PDF Page Download Datasheet
OA225 Datasheet PDF - ORION FANS

Part # OA225
Download  OA225 Click to download

File Size   131.15 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description 225 x 80mm (8.86??x 3.15??

OA225 Datasheet (HTML) - ORION FANS




Similar Part No. - OA225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA225-METAL ORIONFANS-OA225-METAL Datasheet
350Kb / 1P
AC Fan - 115V, 230V 225 x 80mm (8.86??x 3.15??
OA225AN-11-1TB18 ORIONFANS-OA225AN-11-1TB18 Datasheet
350Kb / 1P
AC Fan - 115V, 230V 225 x 80mm (8.86??x 3.15??
OA225AN-22-1TB18 ORIONFANS-OA225AN-22-1TB18 Datasheet
350Kb / 1P
AC Fan - 115V, 230V 225 x 80mm (8.86??x 3.15??
OA225AN-METAL ORIONFANS-OA225AN-METAL Datasheet
5Mb / 8P
AC & EC FANS
OA225AP-IP68 ORIONFANS-OA225AP-IP68 Datasheet
5Mb / 8P
AC & EC FANS
More results


Similar Description - OA225

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD8038 ORIONFANS-OD8038 Datasheet
364Kb / 1P
DC Fan - Vaneaxial 80x38mm (3.15' x 1.5')
OD8025 ORIONFANS-OD8025 Datasheet
123Kb / 1P
DC Fan 80x25mm (3.15 x 1.0)
OA825 ORIONFANS-OA825 Datasheet
106Kb / 1P
80 x 25mm (3.15??x 1.0??
logo
NTE Electronics
77-8015D12 NTE-77-8015D12 Datasheet
379Kb / 1P
Fan, AC & DC Types, 80 x 80mm
logo
ORION FANS
OA80 ORIONFANS-OA80_16 Datasheet
212Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA80-METAL ORIONFANS-OA80-METAL Datasheet
261Kb / 1P
AC Fan - 115V, 230V 80 x 38mm (3.15??x 1.5??
OA225-METAL ORIONFANS-OA225-METAL Datasheet
350Kb / 1P
AC Fan - 115V, 230V 225 x 80mm (8.86??x 3.15??
OA280-METAL ORIONFANS-OA280-METAL Datasheet
196Kb / 1P
AC Fan - 115V, 230V 280 x 80mm (11.0??x 3.15??
OA825 ORIONFANS-OA825_16 Datasheet
397Kb / 1P
AC Fan - 115V, 230V 80 x 25mm (3.15??x 1.0??
logo
NTE Electronics
77-8015D12 NTE-77-8015D12_18 Datasheet
547Kb / 1P
Fan, AC & DC Types, 80 x 80mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com