Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML022BUT Datasheet (PDF) - Rohm

SML022BUT Datasheet PDF - Rohm
Part # SML022BUT
Download  SML022BUT Download
File Size   1962.22 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2-color type with eflector(standard)

SML022BUT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML022BUT Datasheet PDF - Rohm

Part # SML022BUT
Download  SML022BUT Click to download

File Size   1962.22 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2-color type with eflector(standard)

SML022BUT Datasheet (HTML) - Rohm


SML022BUT Product details

3025(1210)
3.0× 2.5mm(t=1.3mm)

Features
• 2-color type with reflector (standard)




Similar Part No. - SML022BUT

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML020DH12 SEME-LAB-SML020DH12 Datasheet
82Kb / 2P
SILICON CARBIDE POWER SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
SML02SC06D2 TTELEC-SML02SC06D2 Datasheet
569Kb / 5P
SILICON CARBIDE SCHOTTKY BARRIER DIODE
SML02SC06D2A TTELEC-SML02SC06D2A Datasheet
569Kb / 5P
SILICON CARBIDE SCHOTTKY BARRIER DIODE
SML02SC06D2A TTELEC-SML02SC06D2A Datasheet
569Kb / 5P
SILICON CARBIDE SCHOTTKY BARRIER DIODE
SML02SC06D2B TTELEC-SML02SC06D2B Datasheet
569Kb / 5P
SILICON CARBIDE SCHOTTKY BARRIER DIODE
More results


Similar Description - SML022BUT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML032RGB ROHM-SML032RGB Datasheet
141Kb / 3P
3-color type LED (standard)
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
3-color type LED (standard)
SML-52 ROHM-SML-52 Datasheet
2Mb / 4P
2-color type LED
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
2-color type LED
logo
BetLux Electronics
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
logo
Rohm
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
2-color type LED
SML-D22X ROHM-SML-D22X Datasheet
273Kb / 10P
2-color type LED
2020.4 - Rev.006
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com