Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML-020MVT Datasheet (PDF) - Rohm

SML-020MVT Datasheet PDF - Rohm
Part # SML-020MVT
Download  SML-020MVT Download
File Size   1962.22 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2-color type with eflector(standard)

SML-020MVT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-020MVT Datasheet PDF - Rohm

Part # SML-020MVT
Download  SML-020MVT Click to download

File Size   1962.22 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2-color type with eflector(standard)

SML-020MVT Datasheet (HTML) - Rohm


SML-020MVT Product details

3025(1210)
3.0× 2.5mm(t=1.3mm)

Features
• 2-color type with reflector (standard)




Similar Part No. - SML-020MVT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-020MVT ROHM-SML-020MVT Datasheet
125Kb / 6P
Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
130Kb / 4P
Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors
SML-020MVT ROHM-SML-020MVT Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors SML-020 Series
SML-020MVTT86 ROHM-SML-020MVTT86 Datasheet
105Kb / 6P
Two-color chip LEDs with reflectors
More results


Similar Description - SML-020MVT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML032RGB ROHM-SML032RGB Datasheet
141Kb / 3P
3-color type LED (standard)
SML032RGB ROHM-SML032RGB_11 Datasheet
1Mb / 4P
3-color type LED (standard)
SML-52 ROHM-SML-52 Datasheet
2Mb / 4P
2-color type LED
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
2-color type LED
logo
BetLux Electronics
BL-L317 BETLUX-BL-L317 Datasheet
227Kb / 4P
3.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L517 BETLUX-BL-L517 Datasheet
227Kb / 4P
5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L519 BETLUX-BL-L519 Datasheet
228Kb / 4P
5.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
BL-L817 BETLUX-BL-L817 Datasheet
324Kb / 4P
8.0mm Round Type BI-COLOR LED Lamps, with 2 leads
REV NO: V.2
logo
Rohm
SML-522 ROHM-SML-522 Datasheet
336Kb / 13P
2-color type LED
SML-D22X ROHM-SML-D22X Datasheet
273Kb / 10P
2-color type LED
2020.4 - Rev.006
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com