Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC818-16 Datasheet (PDF) - Micro Commercial Components

BC818-16 Datasheet PDF - Micro Commercial Components
Part # BC818-16
Download  BC818-16 Download
File Size   242.34 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon General Purpose Transistors

BC818-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC818-16 Datasheet PDF - Micro Commercial Components

Part # BC818-16
Download  BC818-16 Click to download

File Size   242.34 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon General Purpose Transistors

BC818-16 Datasheet (HTML) - Micro Commercial Components


BC818-16 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Capable of 0.3Watts of Power Dissipation.
• Collector-current 0.5A
• Collector-base Voltage 30V
• Operating and storage junction temperature range: -55°C to +150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - BC818-16

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC818-16 SIEMENS-BC818-16 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC818-16 INFINEON-BC818-16 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC818-16 DIOTEC-BC818-16 Datasheet
188Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC818-16 DIOTEC-BC818-16 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BC818-16 BILIN-BC818-16 Datasheet
191Kb / 4P
NPN General Purpose Amplifier
More results


Similar Description - BC818-16

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848BWT1G LEIDITECH-LBC848BWT1G Datasheet
1,012Kb / 9P
General Purpose Transistors NPN Silicon
LH8050PLTIG LEIDITECH-LH8050PLTIG Datasheet
482Kb / 4P
General Purpose Transistors NPN Silicon
LMBT2222AL LEIDITECH-LMBT2222AL Datasheet
906Kb / 6P
General Purpose Transistors NPN Silicon
logo
AiT Semiconductor Inc.
MBT6427 AITSEMI-MBT6427 Datasheet
945Kb / 8P
GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com