Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH5496 Datasheet (PDF) - Sharp Corporation

LH5496 Datasheet PDF - Sharp Corporation
Part # LH5496
Download  LH5496 Download
File Size   141.76 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512 x 9 FIFO

LH5496 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5496 Datasheet PDF - Sharp Corporation

Part # LH5496
Download  LH5496 Click to download

File Size   141.76 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 512 x 9 FIFO

LH5496 Datasheet (HTML) - Sharp Corporation


LH5496 Product details

FUNCTIONAL DESCRIPTION
The LH5496/96H are dual port memories with internal addressing to implement a First-In, First-Out algorithm. Through an advanced dual port architecture, they provide fully asynchronous read/write operation. Empty, Full, and Half-Full status flags are provided to prevent data overflow and underflow. In addition, internal logic provides for unlimited expansion in both word size and depth.

FEATURES
• Fast Access Times: 15 */20/25/35/50/65/80 ns
• Full CMOS Dual Port Memory Array
• Fully Asynchronous Read and Write
• Expandable-in Width and Depth
• Full, Half-Full, and Empty Status Flags
• Read Retransmit Capability
• TTL Compatible I/O
• Packages:
    28-Pin, 300-mil PDIP
    28-Pin, 600-mil PDIP
    32-Pin PLCC
• Pin and Functionally Compatible with IDT7201




Similar Part No. - LH5496

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5491 SHARP-LH5491 Datasheet
125Kb / 16P
Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
LH5493U-30 SHARP-LH5493U-30 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
LH5493U-35 SHARP-LH5493U-35 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
More results


Similar Description - LH5496

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
CMOS 1K X 9 FIFO
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com