Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH6V4256 Datasheet (PDF) - Sharp Corporation

LH6V4256 Datasheet PDF - Sharp Corporation
Part # LH6V4256
Download  LH6V4256 Download
File Size   198.73 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (256K x 4) Dynamic RAM

LH6V4256 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH6V4256 Datasheet PDF - Sharp Corporation

Part # LH6V4256
Download  LH6V4256 Click to download

File Size   198.73 Kbytes
Page   18 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 1M (256K x 4) Dynamic RAM

LH6V4256 Datasheet (HTML) - Sharp Corporation


LH6V4256 Product details

DESCRIPTION
The LH6V4256 is a 262,144 word × 4-bit dynamic RAM which allows fast page mode access. The LH6V4256 is fabricated on SHARP’s advanced CMOS double-level polysilicon gate technology. With its input multiplexed and packaged in the standard 20-pin DIP, 26-pin SOJ, or 28-pin TSOP (I) packages, it is easy to realize memory systems with low power dissipation and large memory capacity. The LH6V4256 operates on a single +3.3 V power supply and the built-in biasing voltage generator circuit.

FUNCTION
• 262,144 words × 4 bit
• Access time: 100 ns (MAX)
• Cycle time: 190 ns (MIN)
• Fast page mode cycle time: 60 ns (MIN)
• Power supply: +3.3 V ±0.3 V
• Power consumption (MAX):
    Operating: 126 mW
    Standby: 0.54 mW
• Built-in latch circuit for row-address, column-address, and input data
• OE = Don’t care in early write operation
• RAS only refresh, hidden refresh, and CAS before RAS refresh capability
• On-chip refresh counter
• 512 refresh cycle/8 ms
• Packages:
    20-pin, 300-mil DIP
    26-pin, 300-mil SOJ
    28-pin, 8 × 13 mm2 TSOP (Type I)




Similar Part No. - LH6V4256

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LH6 GOOD-ARK-LH6 Datasheet
188Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
60W,AC-DC CONVERTER
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
419Kb / 7P
60W, AC/DC converter
LH60-20B05-DT MORNSUN-LH60-20B05-DT Datasheet
615Kb / 5P
60W,AC-DC CONVERTER
LH60-20B05-DT MORNSUN-LH60-20B05-DT Datasheet
419Kb / 7P
60W, AC/DC converter
More results


Similar Description - LH6V4256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
1M x 4-Bit Dynamic RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514405BJ SIEMENS-HYB514405BJ Datasheet
1Mb / 25P
1M x 4-Bit Dynamic RAM
logo
List of Unclassifed Man...
NN5118160 ETC1-NN5118160 Datasheet
1Mb / 31P
CMOS 1M x 16BIT DYNAMIC RAM
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
CMOS 256K x 4bit Dynamic RAM
logo
Motorola, Inc
MCM54410A MOTOROLA-MCM54410A Datasheet
1Mb / 21P
1M x 4 CMOS Dynamic RAM Write Per Bit Mode
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com