Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX70G Datasheet (PDF) - Micro Commercial Components

BCX70G Datasheet PDF - Micro Commercial Components
Part # BCX70G
Download  BCX70G Download
File Size   211.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 250mW

BCX70G Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX70G Datasheet PDF - Micro Commercial Components

Part # BCX70G
Download  BCX70G Click to download

File Size   211.03 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Small Signal Transistor 250mW

BCX70G Datasheet (HTML) - Micro Commercial Components


BCX70G Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Ideally Suited for Automatic Insertion
• 150°C Junction Temperature
• Low Current, Low Voltage
• For Switching and AF Amplifier applications.
• Suited for low level, low noise, low frequency
   Applications in hybrid circuits
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BCX70G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX70G PHILIPS-BCX70G Datasheet
42Kb / 8P
NPN general purpose transistors
1999 Apr 15
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCX70G SIEMENS-BCX70G Datasheet
282Kb / 9P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCX70G FAIRCHILD-BCX70G Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BCX70G GE-BCX70G Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
More results


Similar Description - BCX70G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
250mW, NPN Small Signal Transistor
BC856A TSC-BC856A_10 Datasheet
265Kb / 4P
250mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
Small Signal Diodes 250mW
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Micro Commercial Compon...
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
Small Signal Diodes 250mW
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
NPN Small Signal Transistor 250mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com