Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHF32KZ5 Datasheet (PDF) - Sharp Corporation

LHF32KZ5 Datasheet PDF - Sharp Corporation
Part # LHF32KZ5
Download  LHF32KZ5 Download
File Size   2780.35 Kbytes
Page   61 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32M Flash Memory

LHF32KZ5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LHF32KZ5 Datasheet PDF - Sharp Corporation

Part # LHF32KZ5
Download  LHF32KZ5 Click to download

File Size   2780.35 Kbytes
Page   61 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 32M Flash Memory

LHF32KZ5 Datasheet (HTML) - Sharp Corporation


LHF32KZ5 Product details

SHARP’s LH28F320SKTD-L70 Dual Work Flash memory with Smart3/5 technology is a high-density, low-cost, nonvolatile, read/write storage solution for a wide range of applications.

32-MBIT (2MBx8/1MBx16 x2Bank)
Smart3/5 Dual Work Flash MEMORY

■ Dual 16M-bit Banks Enable the
   Simultaneous Read/Write/Erase
   Operation
■ Smart3/5 Dual Work Technology
   - 2.7V, 3.3V or 5V VCC
   - 2.7V, 3.3V or 5V VPP
■ Common Flash Interface (CFI)
   - Universal & Upgradable Interface
■ Scalable Command Set (SCS)
■ High Speed Read Performance
   - 70ns(5V±0.25V), 80ns(5V±0.5V),
   - 100ns(3.3V±0.3V), 120ns(2.7V-3.6V)
■ Operating Temperature
   - 0°C to +70°C
■ High Speed Write Performance
   - 32 Bytes x 2 plane Page Buffer
   - 2µs/Byte Write Transfer Rate
■ High-Density Symmetrically-Blocked
   Architecture
   - Sixty-four 64-Kbyte Erasable Blocks
■ Extended Cycling Capability
   - 100,000 Block Erase Cycles
   - 3.2 Million Block Erase Cycles/Bank
■ SRAM-Compatible Write Interface
■ User-Configurable x8 or x16 Operation
■ Enhanced Automated Suspend Options
   - Write Suspend to Read
   - Block Erase Suspend to Write
   - Block Erase Suspend to Read
■ Enhanced Data Protection Features
   - Absolute Protection with VPP=GND
   - Flexible Block Locking
   - Erase/Write Lockout during Power
      Transitions
■ Low Power Management
   - Deep Power-Down Mode
   - Automatic Power Savings Mode
   - Decreases ICC in Static Mode
■ Automated Write and Erase
   - Command User Interface
   - Status Register
■ Industry-Standard Packaging
   - 56-Lead TSOP
■ ETOXTM* V Nonvolatile Flash Technology
■ CMOS Process
   (P-type silicon substrate)
■ Not designed or rated as radiation hardened




Similar Part No. - LHF32KZ5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF32J02 SHARP-LHF32J02 Datasheet
3Mb / 51P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
More results


Similar Description - LHF32KZ5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
32M (x16) Flash Memory
LH28F320BFE-PBTL60 SHARP-LH28F320BFE-PBTL60 Datasheet
907Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
32M (x16) Flash Memory
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com