Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD1232 Datasheet (PDF) - ORION FANS

OD1232 Datasheet PDF - ORION FANS
Part # OD1232
Download  OD1232 Download
File Size   115.34 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??

OD1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
OD1232 Datasheet PDF - ORION FANS

Part # OD1232
Download  OD1232 Click to download

File Size   115.34 Kbytes
Page   1 Pages
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS
Description DC Fan - 12, 24, 48V 120x32mm (4.7?쓝 1.25??

OD1232 Datasheet (HTML) - ORION FANS




Similar Part No. - OD1232

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1232 ORIONFANS-OD1232 Datasheet
1Mb / 4P
DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD1232 ORIONFANS-OD1232 Datasheet
5Mb / 8P
AC & EC FANS
OD1232-12H ORIONFANS-OD1232-12H Datasheet
115Kb / 1P
DC Fan
OD1232-12H ORIONFANS-OD1232-12H Datasheet
1Mb / 4P
DC Fan - 12V, 24V, 48V 120 x 32mm (4.7.62 x 1.25in)
OD1232-12HB-03 ORIONFANS-OD1232-12HB-03 Datasheet
767Kb / 1P
FAN
More results


Similar Description - OD1232

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD127 ORIONFANS-OD127 Datasheet
107Kb / 1P
DC Fan - 12, 24, 48V 127x38.5mm (5.0?쓝 1.5??
OD172S ORIONFANS-OD172S Datasheet
162Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD172SXC ORIONFANS-OD172SXC Datasheet
99Kb / 1P
DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
OD180APL ORIONFANS-OD180APL Datasheet
164Kb / 1P
DC Fan - 12, 24, 48V 180x65mm (7.1?쓝 2.6??
ODB600PT-12HB ORIONFANS-ODB600PT-12HB Datasheet
146Kb / 1P
12, 24, 48V 120x32mm (4.7??x 1.25??
OD1225-48 ORIONFANS-OD1225-48 Datasheet
230Kb / 1P
DC Fan - 48V 120x25mm (4.7?쓝 1.0??
OD1238VA ORIONFANS-OD1238VA_17 Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238VXC ORIONFANS-OD1238VXC Datasheet
264Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD1238XC ORIONFANS-OD1238XC_16 Datasheet
242Kb / 1P
High Performance DC Fan 12, 24, 48V 120x38mm (4.7?쓝 1.5??
OD8038VA ORIONFANS-OD8038VA_16 Datasheet
329Kb / 1P
DC Fan - 12, 24, 48V 80x38mm (3.15?쓝 1.5??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com