Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT334 Datasheet (PDF) - Active-Semi, Inc

ACT334 Datasheet PDF - Active-Semi, Inc
Part # ACT334
Download  ACT334 Download
File Size   103.79 Kbytes
Page   3 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Performance ActivePSR??Primary Switching Regulator

ACT334 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT334 Datasheet PDF - Active-Semi, Inc

Part # ACT334
Download  ACT334 Click to download

File Size   103.79 Kbytes
Page   3 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description High Performance ActivePSR??Primary Switching Regulator

ACT334 Datasheet (HTML) - Active-Semi, Inc


ACT334 Product details

GENERAL DESCRIPTION
The ACT334 belongs to the high performance patented ActivePSRTM Family of Universal-input AC/DC off-line controllers for battery charger and adapter applications. It is designed for flyback topology working in discontinuous conduction mode (DCM). The ACT334 meets all of the global energy efficiency regulations (CEC, European Blue Angel, and US Energy Star standards) while using very few external components.
   
FEATURES
• Ultra Low Standby Power < 30mW
• Patented Primary Side Regulation
    Technology
• Suitable Operation Frequency up to 85kHZ
• Proprietary Fast Startup Circuit
• Integrated Line and Primary Inductance
    Compensation
• Integrated Programmable Output Cord
    Resistance Compensation
• Line Under-Voltage, Output Over-Voltage,
    Output Short-Circuit and Over-Temperature
    Protection
• Complies with all Global Energy Efficiency
    and CEC Average Efficiency Standards
• Adjustable Power from 2W to 6W
• Minimum External Components
• Tiny SOT23-6 Package
   
APPLICATIONS
• Chargers for Cell Phones, PDAs, MP3,
    Portable Media Players, DSCs, and Other
    Portable Devices and Appliances
• RCC Adapter Replacements
• Linear Adapter Replacements
• Standby and Auxiliary Supplies
   




Similar Part No. - ACT334

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT334 ACTIVE-SEMI-ACT334 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334 Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334US-T ACTIVE-SEMI-ACT334US-T Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334US-T ACTIVE-SEMI-ACT334US-T Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334_12 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
More results


Similar Description - ACT334

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT361 ACTIVE-SEMI-ACT361 Datasheet
83Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT334 ACTIVE-SEMI-ACT334_12 Datasheet
287Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_12 Datasheet
402Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_12 Datasheet
330Kb / 13P
High Performance ActivePSR Primary Switching Regulator
Rev 8, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_12 Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com