Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232HL Datasheet (PDF) - Future Technology Devices International Ltd.

FT232HL Datasheet PDF - Future Technology Devices International Ltd.
Part # FT232HL
Download  FT232HL Download
File Size   1840.17 Kbytes
Page   65 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC

FT232HL Datasheet (PDF)

Go To PDF Page Download Datasheet
FT232HL Datasheet PDF - Future Technology Devices International Ltd.

Part # FT232HL
Download  FT232HL Click to download

File Size   1840.17 Kbytes
Page   65 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC

FT232HL Datasheet (HTML) - Future Technology Devices International Ltd.


FT232HL Product details

The FT232H is a single channel USB 2.0 Hi Speed (480Mb/s) to UART/FIFO IC. It has the capability of being configured in a variety of industry standard serial or parallel interfaces. The FT232H has the following advanced features:

• Single channel USB to serial / parallel ports with a variety of configurations.
• Entire USB protocol handled on the chip. No USB specific firmware programming required.
• USB 2.0 Hi-Speed (480Mbits/Second) and Full Speed (12Mbits/Second) compatible.
• Multi-Protocol Synchronous Serial Engine (MPSSE) to simplify synchronous serial protocol (USB to JTAG, I2C, SPI (MASTER) or bit-bang) design.
• UART transfer data rate up to 12Mbaud. (RS232 Data Rate limited by external level shifter).
• USB to asynchronous 245 FIFO mode for transfer data rate up to 8 Mbyte/Sec.
• USB to synchronous 245 parallel FIFO mode for transfers upto 40 Mbytes/Sec
• Supports a proprietary half duplex FT1248 interface with a configurable width, bidirectional data bus (1, 2, 4 or 8 bits wide).
• CPU-style FIFO interface mode simplifies CPU interface design.
• Fast serial interface option.
• FTDI’s royalty-free Virtual Com Port (VCP) and Direct (D2XX) drivers eliminate the requirement for USB driver development in most cases.
• Adjustable receive buffer timeout.
• Option for transmit and receive LED drive signals.
• Bit-bang Mode interface option with RD# and WR# strobes
• Highly integrated design includes 5V to 3.3/+1.8V LDO regulator for VCORE, integrated POR function
• Asynchronous serial UART interface option with full hardware handshaking and modem interface signals.
• Fully assisted hardware or X-On / X-Off software handshaking.
• UART Interface supports 7/8 bit data, 1/2 stop bits, and Odd/Even/Mark/Space/No Parity.
• Auto transmit enable control for RS485 serial applications using the TXDEN pin.
• Operational mode configuration and USB Description strings configurable in external EEPROM over the USB interface.
• Configurable I/O drives strength (4, 8, 12 or 16mA) and slew rate.
• Low operating and USB suspend current.
• Supports self powered, bus powered and high power bus powered USB configurations.
• UHCI/OHCI/EHCI host controller compatible.
• USB Bulk data transfer mode (512 byte packets in Hi-Speed mode).
• +1.8V (chip core) and +3.3V I/O interfacing (+5V Tolerant).
• Extended -40°C to 85°C industrial operating temperature range.
• Compact 48-pin Lead Free LQFP or QFN package
• Configurable ACBUS I/O pins.

Typical Applications
• Single chip USB to UART (RS232, RS422 or RS485)
• USB to FIFO
• USB to FT1248
• USB to JTAG
• USB to SPI
• USB to I2C
• USB to Bit-Bang
• USB to Fast Serial Interface
• USB to CPU target interface (as memory)
• USB Instrumentation
• USB Industrial Control
• USB EPOS Control
• USB MP3 Player Interface
• USB FLASH Card Reader / Writers
• Set Top Box - USB interface
• USB Digital Camera Interface
• USB Bar Code Readers




Similar Part No. - FT232HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT232HL-REEL ETC2-FT232HL-REEL Datasheet
1Mb / 66P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
logo
List of Unclassifed Man...
FT232HL-TRAY ETC2-FT232HL-TRAY Datasheet
1Mb / 66P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results


Similar Description - FT232HL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT4232H FTDI-FT4232H_10 Datasheet
1Mb / 45P
QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 65P
FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
Dual High Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
Quad High Speed USB to Multipurpose UART/MPSSE IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com