Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6886 Datasheet (PDF) - RF Micro Devices

RF6886 Datasheet PDF - RF Micro Devices
Part # RF6886
Download  RF6886 Download
File Size   1721.92 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER

RF6886 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF6886 Datasheet PDF - RF Micro Devices

Part # RF6886
Download  RF6886 Click to download

File Size   1721.92 Kbytes
Page   16 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER

RF6886 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF6886

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF6886 RFMD-RF6886_14 Datasheet
1Mb / 16P
AMPLIFIER
More results


Similar Description - RF6886

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5152 RFMD-RF5152 Datasheet
341Kb / 10P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
logo
Stealth Microwave, Inc.
SM002010-44LD STEALTH_MICROWAVE-SM002010-44LD Datasheet
406Kb / 4P
20-1000MHz 25 Watt Power Amplifier
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
800-1000MHz 25 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
800-1000MHz 50 Watt Linear Power Amplifier
logo
Micrel Semiconductor
MICRF300YC6 MICREL-MICRF300YC6 Datasheet
232Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
RF Micro Devices
RF5122 RFMD-RF5122 Datasheet
1Mb / 11P
3V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5722 RFMD-RF5722 Datasheet
599Kb / 10P
3.0V TO 3.6V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Micrel Semiconductor
MICRF300 MICREL-MICRF300 Datasheet
245Kb / 8P
100MHz to 1000MHz, 1.8 to 3.6V, Low-Noise Amplifier with Shutdown
logo
Qorvo, Inc
RF6886 QORVO-RF6886 Datasheet
1Mb / 16P
3.6V, 100MHz TO 1000MHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com