Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3199-O Datasheet (PDF) - Micro Commercial Components

KTC3199-O Datasheet PDF - Micro Commercial Components
Part # KTC3199-O
Download  KTC3199-O Download
File Size   330.13 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Application

KTC3199-O Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3199-O Datasheet PDF - Micro Commercial Components

Part # KTC3199-O
Download  KTC3199-O Click to download

File Size   330.13 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Application

KTC3199-O Datasheet (HTML) - Micro Commercial Components


KTC3199-O Product details

Features
• High DC Current Gain: hFE=70~700
• Excellent hFE Linearity: hFE(0.1mA)/hFE(2.0mA)=0.95(Typ)
• Low Noise: NF=1.0dB(Typ.), 10dB(Max.)
• Complementary to KTA1267
• Marking: C3199
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - KTC3199-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KTC3199-O MCC-KTC3199-O Datasheet
460Kb / 4P
NPN General Purpose Application
KTC3199-O MCC-KTC3199-O_13 Datasheet
460Kb / 4P
NPN General Purpose Application
More results


Similar Description - KTC3199-O

ManufacturerPart #DatasheetDescription
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847U AUK-BC847U Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848 AUK-BC848 Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848U AUK-BC848U Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
logo
Micro Commercial Compon...
KTC3199-O MCC-KTC3199-O_13 Datasheet
460Kb / 4P
NPN General Purpose Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com