Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54T Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAT54T Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAT54T
Download  BAT54T Download
File Size   464.21 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200m Watts Surface Mount Schottky Barrier Diode

BAT54T Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT54T Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAT54T
Download  BAT54T Click to download

File Size   464.21 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200m Watts Surface Mount Schottky Barrier Diode

BAT54T Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAT54T Product details

FEATURES
- Fast switching speed
- Low forward voltage drop
- Surface mount device type
- Moisture sensitivity level 1
- Matte Tin (Sn) lead finish with Nickel (Ni) underplate
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
   packing code and prefix "G" on date code

MECHANICAL DATA
- Case: SOT-363 small outline plastic package
- Terminal: Matte tin plated, lead free,
   solderable per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
- Polarity: Indicated by cathode band
- Weight: 0.006 gram (approximately)
- Marking Code: KLA, KL6, KL7, KL8, KLB




Similar Part No. - BAT54T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
176Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 3 - 2
logo
Weitron Technology
BAT54T WEITRON-BAT54T Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54T DIODES-BAT54T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
BAT54T BILIN-BAT54T Datasheet
179Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT54T KEXIN-BAT54T Datasheet
35Kb / 1P
Switching Diode
More results


Similar Description - BAT54T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAS70 TSC-BAS70 Datasheet
113Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
BAT54 TSC-BAT54_1 Datasheet
146Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
BAS70 TSC-BAS70_07 Datasheet
114Kb / 2P
200m Watts Surface Mount Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com