Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM64K112 Datasheet (PDF) - Sharp Corporation

LM64K112 Datasheet PDF - Sharp Corporation
Part # LM64K112
Download  LM64K112 Download
File Size   117.0 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)

LM64K112 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM64K112 Datasheet PDF - Sharp Corporation

Part # LM64K112
Download  LM64K112 Click to download

File Size   117.0 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)

LM64K112 Datasheet (HTML) - Sharp Corporation


LM64K112 Product details

Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)



Features

■15 cm [6"] VGA format

■Transflective B/W display

■Thin structure (5.8 mm) & lightweight (145 g)

■Wide temperature range

  (Topr: 0°C to +50°C, Tstg: -25°C to +70°C)



 




Similar Part No. - LM64K112

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results


Similar Description - LM64K112

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM24022 SHARP-LM24022 Datasheet
18Kb / 1P
Medium Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM64K104 SHARP-LM64K104 Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64K837 SHARP-LM64K837 Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P83L SHARP-LM64P83L Datasheet
113Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
LM64P89L SHARP-LM64P89L Datasheet
110Kb / 1P
Large Size Graphic Type LCD Module(FA/POS/Measuring instruments)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com