Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQ5AW116 Datasheet (PDF) - Sharp Corporation

LQ5AW116 Datasheet PDF - Sharp Corporation
Part # LQ5AW116
Download  LQ5AW116 Download
File Size   68.11 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)

LQ5AW116 Datasheet (PDF)

Go To PDF Page Download Datasheet
LQ5AW116 Datasheet PDF - Sharp Corporation

Part # LQ5AW116
Download  LQ5AW116 Click to download

File Size   68.11 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)

LQ5AW116 Datasheet (HTML) - Sharp Corporation


LQ5AW116 Product details

Features

■ Display size :13 cm [5"]

■ Wide viewing angle : L/R 130° U/D 105°

■ Extended temperature range:

   Topr :-30 °C to + 85 °C, Tstg: -30 °C to +85 °C

■ Compact structure utilizing ACF-COG technology



 




Similar Part No. - LQ5AW116

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ5AW136 SHARP-LQ5AW136 Datasheet
115Kb / 1P
Color TFT-LCD Module(Car Navigation)
More results


Similar Description - LQ5AW116

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ049B5DG01 SHARP-LQ049B5DG01 Datasheet
113Kb / 1P
Color TFT-LCD Module(Car Navigation)
LQ050A5BS01 SHARP-LQ050A5BS01 Datasheet
112Kb / 1P
Color TFT-LCD Module(Car Navigation)
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
LQ058T5DRQ1 SHARP-LQ058T5DRQ1 Datasheet
115Kb / 1P
Color TFT-LCD Module (Car Navigation)
LQ064A5CG01 SHARP-LQ064A5CG01 Datasheet
112Kb / 1P
Color TFT-LCD Module(LCD TV/Car Navigation)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
LQ4FN31 SHARP-LQ4FN31 Datasheet
54Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ6AN102 SHARP-LQ6AN102 Datasheet
67Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
Color TFT-LCD Module(LCD TV/Car Navigation)
LQ6BW12K SHARP-LQ6BW12K Datasheet
66Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(LCD TV/PDA/Car Navigation)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com