Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-C013301S Datasheet (PDF) - LUMEX INC.

LPF-C013301S Datasheet PDF - LUMEX INC.
Part # LPF-C013301S
Download  LPF-C013301S Download
File Size   48.9 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 3 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS

LPF-C013301S Datasheet (PDF)

Go To PDF Page Download Datasheet
LPF-C013301S Datasheet PDF - LUMEX INC.

Part # LPF-C013301S
Download  LPF-C013301S Click to download

File Size   48.9 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 3 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS

LPF-C013301S Datasheet (HTML) - LUMEX INC.




Similar Part No. - LPF-C013301S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPF-C011301S LUMEX-LPF-C011301S Datasheet
48Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH RECTANGULAR POSTS
LPF-C011302S LUMEX-LPF-C011302S Datasheet
74Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPF-C011303S LUMEX-LPF-C011303S Datasheet
49Kb / 1P
SINGLE UNIT, STACKABLE RIGHT ANGLE SMT LIGHT PIPE
LPF-C011303S-093 LUMEX-LPF-C011303S-093 Datasheet
65Kb / 1P
SINGLE UNIT, RIGHT ANGLE SMT LIGHT PIPE
LPF-C011304S LUMEX-LPF-C011304S Datasheet
47Kb / 1P
SINGLE UNIT, STACKABLE RIGHT ANGLE SMT LIGHT PIPE
More results


Similar Description - LPF-C013301S

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1094 DIALIGHT-515-1094 Datasheet
416Kb / 1P
3mm Round Optical Light Pipe, Bi-Level
515-1069 DIALIGHT-515-1069 Datasheet
404Kb / 1P
3mm Round Optopipe Optical Light Pipe, 3 Array
logo
LUMEX INC.
LPF-C011301S LUMEX-LPF-C011301S Datasheet
48Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH RECTANGULAR POSTS
LPF-C011302S LUMEX-LPF-C011302S Datasheet
74Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPF-C011401S LUMEX-LPF-C011401S Datasheet
39Kb / 1P
4mm ROUND RIGHT ANGLE LIGHT PIPE
LPF-R011362S LUMEX-LPF-R011362S Datasheet
53Kb / 1P
3mm x 5.5mm RECTANGULAR RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPF-C014301S LUMEX-LPF-C014301S Datasheet
53Kb / 1P
4 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
logo
List of Unclassifed Man...
FLPRX ETC1-FLPRX Datasheet
779Kb / 3P
FLEXIBLE LIGHT-PIPE ASSY RIGHT ANGLE, 3MM LENS CAP W/LED
logo
LUMEX INC.
LPA-C011302S-13 LUMEX-LPA-C011302S-13 Datasheet
41Kb / 1P
3MM ROUND LIGHT PIPE
LPF-C011308S LUMEX-LPF-C011308S Datasheet
59Kb / 1P
3mm RIGHT ANGLE LIGHT PIPE, 3mm HEIGHT OFF PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com