Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9015 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS9015 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS9015
Download  TS9015 Download
File Size   79.35 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function

TS9015 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS9015 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS9015
Download  TS9015 Click to download

File Size   79.35 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function

TS9015 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS9015 Product details

General Description

The TS9015 is a low dropout voltage linear regulator. There are device designed specifically for battery-operated systems. Ground current is very small as 50uA(typ), that significantly extending battery life. Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies. Output voltage is able to adjust from 1V to 6V. The TS9015 consists of a high-precision voltage reference, and error correction circuit, and a current limited output driver. With good transient responses, output remains stable even during load changes. The EN input enables to be turned off, resulting in reduced power consumption.



Features

● Output current is excess of 300mA

● Low power consumption: 50uA(typ.)

● Output voltage ±2%

● Internal current limit

● Thermal shutdown

● Power saving shutdown mode

● P-MOS output stage with low Rds(on)

● Adjustable output voltage from 1V to 5.4V



Applications

● Instrumentation

● Wireless device

● Battery powered equipment

● Electronic scales

● Cordless phone




Similar Part No. - TS9015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015CX5RFG TSC-TS9015CX5RFG Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results


Similar Description - TS9015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9004 TSC-TS9004 Datasheet
125Kb / 5P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9004 TSC-TS9004_07 Datasheet
311Kb / 7P
300mA CMOS LDO Adjustable Voltage with Enable & Power Good
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com