Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1N80 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM1N80 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM1N80
Download  TSM1N80 Download
File Size   303.86 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800V N-Channel MOSFET

TSM1N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM1N80 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM1N80
Download  TSM1N80 Click to download

File Size   303.86 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800V N-Channel MOSFET

TSM1N80 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM1N80 Product details

General Description
The TSM1N80 is used an advanced termination scheme to provide enhanced voltage-blocking capability without degrading performance over time. In addition, this advanced MOSFET is designed to withstand high energy in avalanche and commutation modes. The new energy efficient design also offers a drain- to-source diode with a fast recovery time. Designed for high voltage, high speed switching applications in power supplies, converters and PWM motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional and safety margin against unexpected voltage transients.

Features
● RDS(ON)=18Ω(Typ.) @ VGS=10V, ID=0.15A
● Low gate charge @ 5nC (Typ.)
● Low Crss @ 2.7pF (Typ.)
● Fast switching




Similar Part No. - TSM1N80

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM1N80 TSC-TSM1N80 Datasheet
250Kb / 7P
N-Channel Power MOSFET
TSM1N80CWRPG TSC-TSM1N80CWRPG Datasheet
250Kb / 7P
N-Channel Power MOSFET
TSM1N80 TSC-TSM1N80_15 Datasheet
250Kb / 7P
N-Channel Power MOSFET
More results


Similar Description - TSM1N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com