Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRS1331 Datasheet (PDF) - Sharp Corporation

LRS1331 Datasheet PDF - Sharp Corporation
Part # LRS1331
Download  LRS1331 Download
File Size   216.7 Kbytes
Page   26 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 16M Flash Memory and 4M SRAM

LRS1331 Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1331 Datasheet PDF - Sharp Corporation

Part # LRS1331
Download  LRS1331 Click to download

File Size   216.7 Kbytes
Page   26 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 16M Flash Memory and 4M SRAM

LRS1331 Datasheet (HTML) - Sharp Corporation


LRS1331 Product details

DESCRIPTION
The LRS1331 is a combination memory organized as 1,048,576 × 16-bit flash memory and 262,144 × 16-bit static RAM in one package.

FEATURES
• Flash Memory and SRAM
• Stacked Die Chip Scale Package
• 72-ball 8 mm × 11 mm CSP plastic package
• Power supply: 2.7 V to 3.6 V
• Operating temperature: -25°C to +85°C
• Flash Memory
   – Access time (MAX.): 90 ns
   – Operating current (MAX.)
      (The current for F-VCC pin and F-VCCW pin):
      – Read: 25 mA (tCYCLE = 200 ns)
      – Word write: 57 mA
      – Block erase: 42 mA
   – Standby current (the current for F-VCC pin): 15 µA
      (MAX. F-RP ≤ GND ± 0.2 V)
   – Optimized array blocking architecture
      – Two 4K-word boot blocks
      – Six 4K-word parameter blocks
      – Thirty-one 32K-word main blocks
      – Bottom boot location
   – Extended cycling capability
      – 100,000 block erase cycles
   – Enhanced automated suspend options
      – Word write suspend to read
      – Block erase suspend to word write
      – Block erase suspend to read
• SRAM
   – Access time (MAX.): 85 ns
   – Operating current: 45 mA (MAX.)
   – Standby current: 15 µA (MAX.)
   – Data retention current: 2 µA (MAX.)




Similar Part No. - LRS1331

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
Stacked Chip 32M Flash Memory and 4M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
Stacked Chip 8M Flash Memory and 2M SRAM
More results


Similar Description - LRS1331

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1329 SHARP-LRS1329 Datasheet
1Mb / 27P
Stacked Chip 16M Flash and 2M SRAM
LRS1338A SHARP-LRS1338A Datasheet
218Kb / 36P
Stacked Chip 8M Flash Memory and 2M SRAM
LRS1341 SHARP-LRS1341 Datasheet
197Kb / 24P
Stacked Chip 16M Flash Memory and 2M SRAM
LRS1337 SHARP-LRS1337 Datasheet
967Kb / 30P
Stacked Chip 32M Flash Memory and 4M SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Macronix International
MX69F162 MCNIX-MX69F162 Datasheet
299Kb / 51P
16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Sharp Corporation
LRS1381 SHARP-LRS1381 Datasheet
4Mb / 114P
STACKED CHIP 32M FLASH AND 4M SRAM
logo
SPANSION
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com