Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRS1805A Datasheet (PDF) - Sharp Corporation

LRS1805A Datasheet PDF - Sharp Corporation
Part # LRS1805A
Download  LRS1805A Download
File Size   1373.82 Kbytes
Page   57 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 64M (x16) Flash Memory 16M (x16) Smartcombo RAM

LRS1805A Datasheet (PDF)

Go To PDF Page Download Datasheet
LRS1805A Datasheet PDF - Sharp Corporation

Part # LRS1805A
Download  LRS1805A Click to download

File Size   1373.82 Kbytes
Page   57 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Stacked Chip 64M (x16) Flash Memory 16M (x16) Smartcombo RAM

LRS1805A Datasheet (HTML) - Sharp Corporation


LRS1805A Product details

Description
The LRS1805A is a combination memory organized as 4,194,304 x16 bit flash memory and 1,048,576 x16 bit Smartcombo RAM in one package.

Features
- Power supply • • • • 2.7V to 3.3V(Flash)
                         • • • • 2.7V to 3.1V(Smartcombo RAM)
- Operating temperature • • • • -25°C to +85°C
- Not designed or rated as radiation hardened
- 72pin CSP (LCSP072-P-0811) plastic package
- Flash memory has P-type bulk silicon, and Smartcombo RAM has P-type bulk silicon

Flash Memory
- Access Time • • • • 85 ns (Max.)
- Power supply current (The current for F-VCC pin and F-VPP pin)
   Read • • • • 25 mA (Max. tCYCLE = 200ns, CMOS Input)
   Word write • • • • 60 mA (Max.)
   Block erase • • • • 30 mA (Max.)
   Reset Power-Down • • • • 25 µA (Max. F-RST = GND ± 0.2V,
                                                                 IOUT (F-RY/BY) = 0mA)
   Standby • • • • 25 µA (Max. F-CE = F-RST = F-VCC ± 0.2V)
- Optimized Array Blocking Architecture
   Eight 4K-word Parameter Blocks
   One-hundred and twenty-seven 32K-word Main Blocks
   Top Parameter Location
- Extended Cycling Capability
   100,000 Block Erase Cycles (F-VPP = 1.65V to 3.3V)
   1,000 Block Erase Cycles and total 80 hours (F-VPP = 11.7V to 12.3V)
- Enhanced Automated Suspend Options
   Word Write Suspend to Read
   Block Erase Suspend to Word Write
   Block Erase Suspend to Read

Smartcombo RAM
- Access Time • • • • 85 ns (Max.)
- Cycle time • • • • 85 to 32,000 ns
- Power Supply current
   Operating current • • • • 20 mA (Max. tRC, tWC = Min.)
   Standby current (Data retention current) • • • • 80 µA (Max.)
   Sleep Mode (Data non-retention current) • • • • 15 µA (Max.)




Similar Part No. - LRS1805A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LRS18-24-900G BEL-LRS18-24-900G Datasheet
564Kb / 4P
High efficiency and compact size
More results


Similar Description - LRS1805A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
64M (X16) FLASH MEMORY 8M (X16) SRAM
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
64M (x16) Flash Memory
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
16M (x8/x16) Flash Memory
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
16M (x8/x16) Flash Memory
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com