Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT050MS Datasheet (PDF) - Sharp Corporation

LT050MS Datasheet PDF - Sharp Corporation
Part # LT050MS
Download  LT050MS Download
File Size   23.1 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Red Laser Diode

LT050MS Datasheet (PDF)

Go To PDF Page Download Datasheet
LT050MS Datasheet PDF - Sharp Corporation

Part # LT050MS
Download  LT050MS Click to download

File Size   23.1 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Red Laser Diode

LT050MS Datasheet (HTML) - Sharp Corporation


LT050MS Product details

General Description
Sharps red laser diodes LT050PS / LT050MS have been developed for DVD that will bring a great hope to visual media of the next generation.

Features
(1) Maximum optical output : 5mW
(2) Wavelength: 635nm
(3) Compact ø5.6mm package
(4) Stable transverse mode
(5) High temperature operation at 60˚C
(7) Realizes high temperature operation by introducing a tensile strain into the multi-quantum well active layer.
(8) Stable optical characteristics by developing an index guide structure of MBE method 2 times growth
(9) Pair use with Sharps OPIC* light detector IS1630 is recommended.

Applications
• DVD players
• Bar code readers
• Pointers etc.




Similar Part No. - LT050MS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
Low Capacitance ESD Protection Device
More results


Similar Description - LT050MS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com