Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT0R45P Datasheet (PDF) - Sharp Corporation

LT0R45P Datasheet PDF - Sharp Corporation
Part # LT0R45P
Download  LT0R45P Download
File Size   21.82 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Red Hologram Laser

LT0R45P Datasheet (PDF)

Go To PDF Page Download Datasheet
LT0R45P Datasheet PDF - Sharp Corporation

Part # LT0R45P
Download  LT0R45P Click to download

File Size   21.82 Kbytes
Page   1 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Red Hologram Laser

LT0R45P Datasheet (HTML) - Sharp Corporation


LT0R45P Product details

Compacat Size Hologram Laser for DVD (650nm-5m Single Mode)

Features
(1) Maximum operating output: 5mW
(2) Wavelength:635nm
(3) Built-in high speed(MIN. 20MHz) OPIC*
(4) Needless of external noise solution
(5) With sensitivity switching function
(6) Compact package(Thickness: 4.8mm)
(7) High temperature operation: 70˚C
(8) Single power supply•••LT0R45P
   Double power supply•••LT0R45M




Similar Part No. - LT0R45P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT011 SHARP-LT011 Datasheet
73Kb / 2P
LT011PS
LT011PS SHARP-LT011PS Datasheet
73Kb / 2P
LT011PS
logo
Linear Technology
LT012S8 LINER-LT012S8 Datasheet
164Kb / 3P
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp
logo
AVX Corporation
LT013C475KAT2S AVX-LT013C475KAT2S Datasheet
43Kb / 1P
General Specifications
LT013C475KAT4S AVX-LT013C475KAT4S Datasheet
43Kb / 1P
General Specifications
More results


Similar Description - LT0R45P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT0H12M SHARP-LT0H12M Datasheet
39Kb / 3P
Hologram Laser(1 beam) for Magneto-Optical disk
LT0H33P SHARP-LT0H33P Datasheet
48Kb / 3P
Hologram Laser(3 beam) for MD players
LT0H34P SHARP-LT0H34P Datasheet
40Kb / 3P
Hologram Laser(3 beam) for MD players/recorders
LT0H49L SHARP-LT0H49L Datasheet
31Kb / 3P
Compact Hologram Laser
logo
Panasonic Semiconductor
HUL7203 PANASONIC-HUL7203 Datasheet
44Kb / 2P
Hologram Unit
logo
Sanyo Semicon Device
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com