Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB520S-30 Datasheet (PDF) - Micro Commercial Components

RB520S-30 Datasheet PDF - Micro Commercial Components
Part # RB520S-30
Download  RB520S-30 Download
File Size   212.67 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mA Schottky Barrier Diode 30 Volts

RB520S-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB520S-30 Datasheet PDF - Micro Commercial Components

Part # RB520S-30
Download  RB520S-30 Click to download

File Size   212.67 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mA Schottky Barrier Diode 30 Volts

RB520S-30 Datasheet (HTML) - Micro Commercial Components


RB520S-30 Product details

Features
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• High Reliability
• Low Reverse Current and Low Forward Voltage.
• Small Surface Mount Type
• Marking : B
• Lead Free Finish/RoHS Compliant ("P" Suffix
   designates RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - RB520S-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB520S-30 ROHM-RB520S-30 Datasheet
676Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
Schottky barrier Diodes
logo
Galaxy Semi-Conductor H...
RB520S-30 BILIN-RB520S-30 Datasheet
314Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
RB520S-30 KEXIN-RB520S-30 Datasheet
30Kb / 1P
Schottky barrier diode
logo
SEMTECH ELECTRONICS LTD...
RB520S-30 SEMTECH_ELEC-RB520S-30 Datasheet
240Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Similar Description - RB520S-30

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB520S-40 MCC-RB520S-40 Datasheet
182Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB521G-30 MCC-RB521G-30 Datasheet
195Kb / 3P
100 mA Schottky Barrier Diode 30 Volts
RB521S-30 MCC-RB521S-30 Datasheet
237Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB715W MCC-RB715W Datasheet
196Kb / 2P
30 mA Schottky Barrier Diode 40 Volts
RB520S-40-TP MCC-RB520S-40-TP Datasheet
196Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
logo
ON Semiconductor
NSR02F30MXT5G ONSEMI-NSR02F30MXT5G Datasheet
104Kb / 4P
200 mA, 30 V Schottky Barrier Diode
February, 2015 ??Rev. 0
logo
Micro Commercial Compon...
RB520S-30 MCC-RB520S-30_14 Datasheet
236Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB520S-40 MCC-RB520S-40_17 Datasheet
313Kb / 3P
200 mA Schottky Barrier Diode 40 Volts
RB521S-30 MCC-RB521S-30_13 Datasheet
204Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB521S-40 MCC-RB521S-40 Datasheet
418Kb / 3P
200 mA Schottky Barrier Diode 40 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com