Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB706F-40 Datasheet (PDF) - Micro Commercial Components

RB706F-40 Datasheet PDF - Micro Commercial Components
Part # RB706F-40
Download  RB706F-40 Download
File Size   195.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 40 Volts Schottky Barrier Diode

RB706F-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB706F-40 Datasheet PDF - Micro Commercial Components

Part # RB706F-40
Download  RB706F-40 Click to download

File Size   195.15 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 40 Volts Schottky Barrier Diode

RB706F-40 Datasheet (HTML) - Micro Commercial Components


RB706F-40 Product details

Features
• High Reliability
• Low VF and Low IR
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant ("P"Suffix Designates
   RoHS Compliant. See Ordering Information)
• Halogen Free Available Upon Request By Adding Suffix "-HF"

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Thermal Resistance: 500°C/W Junction to Ambient




Similar Part No. - RB706F-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB706F-40 ROHM-RB706F-40 Datasheet
195Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB706F-40 TEL-RB706F-40 Datasheet
64Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
RB706F-40 BILIN-RB706F-40 Datasheet
175Kb / 3P
Schottky Barrier Diode
Rev.A
logo
SEMTECH ELECTRONICS LTD...
RB706F-40 SEMTECH_ELEC-RB706F-40 Datasheet
218Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Rohm
RB706F-40 ROHM-RB706F-40 Datasheet
171Kb / 4P
Shottky barrier diode
More results


Similar Description - RB706F-40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB480K MCC-RB480K Datasheet
667Kb / 7P
40 Volts Schottky Barrier Diode
RB751G-40 MCC-RB751G-40 Datasheet
260Kb / 3P
40 Volts Schottky Barrier Diode
RB751S-40 MCC-RB751S-40 Datasheet
105Kb / 3P
40 Volts Schottky Barrier Diode
RB751V-40 MCC-RB751V-40 Datasheet
177Kb / 2P
40 Volts Schottky Barrier Diode
RB480KS-TP MCC-RB480KS-TP Datasheet
288Kb / 3P
40 Volts Schottky Barrier Diode
RB480KS MCC-RB480KS_13 Datasheet
200Kb / 3P
40 Volts Schottky Barrier Diode
RB706F-40 MCC-RB706F-40_13 Datasheet
211Kb / 3P
40 Volts Schottky Barrier Diode
RB751G-40 MCC-RB751G-40_13 Datasheet
214Kb / 3P
40 Volts Schottky Barrier Diode.
RB751S-40DP MCC-RB751S-40DP_17 Datasheet
326Kb / 3P
40 Volts Schottky Barrier Diode
RB751V-40 MCC-RB751V-40_17 Datasheet
306Kb / 3P
40 Volts Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com