Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSP-CS832UP12 Datasheet (PDF) - LUMEX INC.

SSP-CS832UP12 Datasheet PDF - LUMEX INC.
Part # SSP-CS832UP12
Download  SSP-CS832UP12 Download
File Size   364.21 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description MODULAR STRIP LIGHT, 525mm InGaN/SiC GREEN LEDS.

SSP-CS832UP12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP-CS832UP12 Datasheet PDF - LUMEX INC.

Part # SSP-CS832UP12
Download  SSP-CS832UP12 Click to download

File Size   364.21 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description MODULAR STRIP LIGHT, 525mm InGaN/SiC GREEN LEDS.

SSP-CS832UP12 Datasheet (HTML) - LUMEX INC.




Similar Part No. - SSP-CS832UP12

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-CS833S12 LUMEX-SSP-CS833S12 Datasheet
47Kb / 1P
MODULAR STRIP LIGHT, 590mm ALLGaP YELLOW LEDS.
SSP-CS836U12 LUMEX-SSP-CS836U12 Datasheet
46Kb / 1P
MODULAR STRIP LIGHT, 626mm AllGaP RED LEDS.
SSP-CS837U12 LUMEX-SSP-CS837U12 Datasheet
59Kb / 1P
MOUDLAR STRIP LIGHT, 470mm InGaN/SIC BLUE LEDs.
SSP-CS83912 LUMEX-SSP-CS83912 Datasheet
59Kb / 1P
MODULAR STRIP LIGHT
More results


Similar Description - SSP-CS832UP12

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHK1608VGC KINGBRIGHT-APHK1608VGC Datasheet
144Kb / 4P
The Green source color devices are made with InGaN on SiC Light Emitting Diode.
logo
Marktech Corporate
LP377NPG1-70G MARKTECH-LP377NPG1-70G Datasheet
223Kb / 2P
P4 InGaN/SiC Green Ultra Bright LED
logo
Purdy Electronics Corpo...
AND6GA PURDY-AND6GA Datasheet
65Kb / 2P
InGaN Ultra Bright Green Top LEDS
logo
LUMEX INC.
SSP-CS833S12 LUMEX-SSP-CS833S12 Datasheet
47Kb / 1P
MODULAR STRIP LIGHT, 590mm ALLGaP YELLOW LEDS.
SSP-CS836U12 LUMEX-SSP-CS836U12 Datasheet
46Kb / 1P
MODULAR STRIP LIGHT, 626mm AllGaP RED LEDS.
SSP-CS837U12 LUMEX-SSP-CS837U12 Datasheet
59Kb / 1P
MOUDLAR STRIP LIGHT, 470mm InGaN/SIC BLUE LEDs.
SSL-LX509F3UPGC LUMEX-SSL-LX509F3UPGC Datasheet
49Kb / 1P
T-5mm 525mm InGan GREEN LED
SSP-CS83912 LUMEX-SSP-CS83912 Datasheet
59Kb / 1P
MODULAR STRIP LIGHT
logo
TT Electronics.
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com