Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3AB Datasheet (PDF) - Micro Commercial Components

S3AB Datasheet PDF - Micro Commercial Components
Part # S3AB
Download  S3AB Download
File Size   698.13 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts

S3AB Datasheet (PDF)

Go To PDF Page Download Datasheet
S3AB Datasheet PDF - Micro Commercial Components

Part # S3AB
Download  S3AB Click to download

File Size   698.13 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts

S3AB Datasheet (HTML) - Micro Commercial Components


S3AB Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Low forward voltage drop and high current capability
• Glass passivated die construction
• Surge overload rating to 100A peak
• Ideally suited for automatic assembly
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)




Similar Part No. - S3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3AB ETC1-S3AB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
82Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 12 - 2
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results


Similar Description - S3AB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB-TP MCC-S3AB-TP Datasheet
738Kb / 3P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
TBS30A MCC-TBS30A Datasheet
354Kb / 3P
3.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
TBSL30A MCC-TBSL30A Datasheet
441Kb / 3P
3.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB MCC-S3AB_17 Datasheet
253Kb / 4P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com