Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS2222-H Datasheet (PDF) - Micro Commercial Components

MPS2222-H Datasheet PDF - Micro Commercial Components
Part # MPS2222-H
Download  MPS2222-H Download
File Size   189.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MPS2222-H Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS2222-H Datasheet PDF - Micro Commercial Components

Part # MPS2222-H
Download  MPS2222-H Click to download

File Size   189.16 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MPS2222-H Datasheet (HTML) - Micro Commercial Components


MPS2222-H Product details

Features

• Collector-current :0.6A

• Through Hole Package

• Capable of 625mWatts of Power Dissipation

• Operating and storage junction temperature range: Τj.Tstg:-55 to+150 °C °C

• Marking:Type number

• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)

•  Epoxy meets UL 94 V-0 flammability rating

•  Moisure Sensitivity Level 1




Similar Part No. - MPS2222-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPS2222-H MCC-MPS2222-H Datasheet
286Kb / 2P
NPN General Purpose Amplifier
More results


Similar Description - MPS2222-H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com