Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSH10 Datasheet (PDF) - Micro Commercial Components

MPSH10 Datasheet PDF - Micro Commercial Components
Part # MPSH10
Download  MPSH10 Download
File Size   258.02 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN RF Transistor

MPSH10 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSH10 Datasheet PDF - Micro Commercial Components

Part # MPSH10
Download  MPSH10 Click to download

File Size   258.02 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN RF Transistor

MPSH10 Datasheet (HTML) - Micro Commercial Components


MPSH10 Product details

Features
• Capable of 0.35Watts of Power Dissipation.
• Collector Current: 0.05A
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking:MPSH10




Similar Part No. - MPSH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
logo
Fairchild Semiconductor
MPSH10 FAIRCHILD-MPSH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10 Datasheet
20Kb / 1P
Small Signal Transistors
More results


Similar Description - MPSH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
NPN RF TRANSISTOR
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
NPN RF Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com