Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3N Datasheet (PDF) - ATMEL Corporation

SAM3N Datasheet PDF - ATMEL Corporation
Part # SAM3N
Download  SAM3N Download
File Size   254.16 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cortex M3 Flash Microcontroller Converges Performance and Simplicity

SAM3N Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM3N Datasheet PDF - ATMEL Corporation

Part # SAM3N
Download  SAM3N Click to download

File Size   254.16 Kbytes
Page   2 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Cortex M3 Flash Microcontroller Converges Performance and Simplicity

SAM3N Datasheet (HTML) - ATMEL Corporation


SAM3N Product details

SAM3N Description
Atmels SAM3N series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 48 MHz and features up to 256 Kbytes of Flash and up to 24 Kbytes of SRAM. The peripheral set includes 2x USARTs, 2x UARTs, 2x TWIs, 3x SPI, as well as 1 PWM timer, 6x general purpose 16-bit timers, an RTC, a 10-bit ADC and a 10-bit DAC.

Features
• Core
    – ARM® Cortex®-M3 revision 2.0 running at up to 48 MHz
    – Thumb®-2 instruction
    – 24-bit SysTick Counter
    – Nested Vector Interrupt Controller
• Pin-to-pin compatible with SAM7S legacy products (48- and 64-pin versions) and SAM3S (48-, 64- and 100-pin versions)
• Memories
    – From 16 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator, single plane
    – From 4 to 24 Kbytes embedded SRAM
    – 16 Kbytes ROM with embedded bootloader routines (UART) and IAP routines
• System
    – Embedded voltage regulator for single supply operation
    – Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe operation
    – Quartz or ceramic resonator oscillators: 3 to 20 MHz main power with Failure Detection and optional low power 32.768 kHz for RTC or device clock
    – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for device startup. In-application trimming access for frequency adjustment
    – Slow Clock Internal RC oscillator as permanent low-power mode device clock
    – One PLL up to 130 MHz for device clock
    – Up to 10 peripheral DMA (PDC) channels
• Low Power Modes
    – Sleep and Backup modes, down to 3 µA in Backup mode
    – Ultra low power RTC
• Peripherals
    – Up to 2 USARTs with RS-485 and SPI mode support. One USART (USART0) has ISO7816, IrDA® and PDC support in addition
    – Two 2-wire UARTs
    – 2 Two Wire Interface (I2C compatible), 1 SPI
    – Up to 6 Three-Channel 16-bit Timer/Counter with capture, waveform, compare and PWM mode. Quadrature Decoder Logic and 2-bit Gray Up/Down Counter for Stepper Motor
    – 4-channel 16-bit PWM
    – 32-bit Real-time Timer and RTC with calendar and alarm features
    – Up to 16 channels, 384 KSPS 10-bit ADC
    – One 500 KSPS 10-bit DAC
• I/O
    – Up to 79 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination
    – Three 32-bit Parallel Input/Output Controllers
• Packages
    – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm/100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
    – 64-lead LQFP, 10 x 10 mm, pitch 0.5 mm/64-pad QFN 9x9 mm, pitch 0.5 mm
    – 48-lead LQFP, 7 x 7 mm, pitch 0.5 mm/48-pad QFN 7x7 mm, pitch 0.5 mm




Similar Part No. - SAM3N

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
Pin-to-pin compatible with SAM7S legacy products
More results


Similar Description - SAM3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
November 07, 2017
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
November 07, 2017
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com