Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT2907A Datasheet (PDF) - Micro Commercial Components

MMDT2907A Datasheet PDF - Micro Commercial Components
Part # MMDT2907A
Download  MMDT2907A Download
File Size   334.8 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP General Purpose Amplifier

MMDT2907A Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT2907A Datasheet PDF - Micro Commercial Components

Part # MMDT2907A
Download  MMDT2907A Click to download

File Size   334.8 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP General Purpose Amplifier

MMDT2907A Datasheet (HTML) - Micro Commercial Components


MMDT2907A Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Complementary NPN Type available MMDT2222A
• Capable of 200mWatts of Pd, 600mA continuous collector current.
• Operating and Storage Junction Temperatures: -55°C to 150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking : K2F
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - MMDT2907A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2907A DIODES-MMDT2907A Datasheet
53Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30122 Rev. B-2
MMDT2907A DIODES-MMDT2907A Datasheet
54Kb / 3P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 4 - 2
MMDT2907A DIODES-MMDT2907A Datasheet
128Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 10 - 2
logo
Galaxy Semi-Conductor H...
MMDT2907A BILIN-MMDT2907A Datasheet
165Kb / 3P
Dual NPN Small Signal Surface Mount Transistor
Rev.A
logo
Diodes Incorporated
MMDT2907A DIODES-MMDT2907A Datasheet
201Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30109 Rev. 13 - 2
More results


Similar Description - MMDT2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com