Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSD914 Datasheet (PDF) - Micro Commercial Components

MMSD914 Datasheet PDF - Micro Commercial Components
Part # MMSD914
Download  MMSD914 Download
File Size   174.99 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW Fast Switching Diodes

MMSD914 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSD914 Datasheet PDF - Micro Commercial Components

Part # MMSD914
Download  MMSD914 Click to download

File Size   174.99 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 400mW Fast Switching Diodes

MMSD914 Datasheet (HTML) - Micro Commercial Components


MMSD914 Product details

Features
• Compact surface mount with same footprint as Minimelf
• 400 milliwatt Power Dissipation package
• High Breakdown Voltage, Fast Switching Speed
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)
• Marking : 5D
• Halogen free available upon request by adding suffix "-HF"
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - MMSD914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMSD914 FAIRCHILD-MMSD914 Datasheet
22Kb / 3P
High Conductance Fast Diode
MMSD914 FAIRCHILD-MMSD914 Datasheet
37Kb / 2P
Small Signal Diode
logo
Galaxy Semi-Conductor H...
MMSD914 BILIN-MMSD914 Datasheet
174Kb / 3P
Fast Speed switching Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD914 LUGUANG-MMSD914 Datasheet
229Kb / 2P
Fast Speed Switching Diodes
logo
Microdiode Semiconducto...
MMSD914 CHENDA-MMSD914 Datasheet
342Kb / 3P
Fast Speed switching Diode
More results


Similar Description - MMSD914

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5731C MICROSEMI-1N5731C Datasheet
53Kb / 2P
SILICON 400MW ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
FAST SWITCHING DIODES
logo
Micro Commercial Compon...
MMSD914 MCC-MMSD914_16 Datasheet
354Kb / 3P
400mW Fast Switching Diodes
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com