Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2500F Datasheet (PDF) - Micro Commercial Components

R2500F Datasheet PDF - Micro Commercial Components
Part # R2500F
Download  R2500F Download
File Size   229.42 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts

R2500F Datasheet (PDF)

Go To PDF Page Download Datasheet
R2500F Datasheet PDF - Micro Commercial Components

Part # R2500F
Download  R2500F Click to download

File Size   229.42 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts

R2500F Datasheet (HTML) - Micro Commercial Components


R2500F Product details

Features

• High Voltage

• Low Leakage

• Fast Switching For Higher Efficiency

• High Current Capability

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)

•  Epoxy meets UL 94 V-0 flammability rating

•  Moisture Sensitivity Level 1



Maximum Ratings

• Operating Temperature: -55°C to +150°C

• Storage Temperature: -55°C to +150°C




Similar Part No. - R2500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Bytes
R2500F BYTES-R2500F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2500F DCCOM-R2500F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Formosa MS
R2500F FORMOSA-R2500F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
R2500F ETC-R2500F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results


Similar Description - R2500F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200F MCC-R1200F Datasheet
72Kb / 2P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RS3000 MCC-RS3000 Datasheet
70Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
R2500 MCC-R2500 Datasheet
214Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R3000F-TP MCC-R3000F-TP Datasheet
229Kb / 3P
200 Milliamp High Voltage Fast Recovery
R3000-TP MCC-R3000-TP Datasheet
240Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R2500F MCC-R2500F_13 Datasheet
174Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R3000GP MCC-R3000GP Datasheet
378Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 4000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com