Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ8519X Datasheet (PDF) - Sharp Corporation

LZ8519X Datasheet PDF - Sharp Corporation
Part # LZ8519X
Download  LZ8519X Download
File Size   28.09 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Control Peripheral Engine (PE)

LZ8519X Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ8519X Datasheet PDF - Sharp Corporation

Part # LZ8519X
Download  LZ8519X Click to download

File Size   28.09 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description IrDA Control Peripheral Engine (PE)

LZ8519X Datasheet (HTML) - Sharp Corporation


LZ8519X Product details

DESCRIPTION
SHARP IrDA Control Peripheral Engine will exchange the information with µP through this serial interface (SS-Wire). Only two attributes, ‘Command’ and ‘Message’, a simple software will be used for information transaction. Other protocol stacks are supported by PE and users can simply minimize design effort and time.
The SHARP IrDA Control Peripheral Engine (PE) is an embedded Communication controller, designed to fully support IrDA Control MAC Layer and HID LLC Layer services. It has an optimized interface to SHARP IrDA Control transceiver, and the Serial Interface (Synchronous Serial Wire) for µP.
Since IrDA Control MAC layer and HID LLC layer protocol stacks are already built-into PE, one can easily implement IrDA Control Peripherals with SHARP IrDA Control transceiver and PE.

FEATURES
• All-in-One Embedded Communication Controller (Encoder/Decoder, IrDA, IrDA Control MAC Layer, HID LLC Layer)
• Simple Command given by an ordinary µP enables PE to operate every protocol required for IrDA Control Infrared Wireless Communication
• Optimized interface to SHARP IrDA Control Infrared Transceiver (SHARP P/N: GP2W2001YK)
• Serial interface (Synchronous Serial Wire) is prepared for the interface between µP and PE.
• Low current consumption: ICC = 3 mA (at operation)
• Supply Voltage: VDD = 2.7 V - 3.3 V

APPLICATIONS:
• Network Computer




Similar Part No. - LZ8519X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ8520X SHARP-LZ8520X Datasheet
46Kb / 3P
IrDA-Control Single-Chip Host Controller (HC)
More results


Similar Description - LZ8519X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W2001YK SHARP-GP2W2001YK Datasheet
77Kb / 12P
IrDA Control Infrared Transceiver for Peripheral Type 1
GP2W2002YK SHARP-GP2W2002YK Datasheet
79Kb / 12P
IrDA Control Infrared Transceiver for Peripheral Type 2
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
logo
STMicroelectronics
L9177 STMICROELECTRONICS-L9177 Datasheet
971Kb / 49P
Peripheral on chip for low end engine control
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com