Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012-G Datasheet (PDF) - Micro Commercial Components

S9012-G Datasheet PDF - Micro Commercial Components
Part # S9012-G
Download  S9012-G Download
File Size   223.36 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Transistors

S9012-G Datasheet (PDF)

Go To PDF Page Download Datasheet
S9012-G Datasheet PDF - Micro Commercial Components

Part # S9012-G
Download  S9012-G Click to download

File Size   223.36 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Silicon Transistors

S9012-G Datasheet (HTML) - Micro Commercial Components


S9012-G Product details

Features
• TO-92 Plastic-Encapsulate Transistors
• Capable of 0.625Watts(Tamb=25OC) of Power Dissipation.
• Collector-current 0.5A
• Collector-base Voltage 40V
• Operating and storage junction temperature range: -55°C to +150°C
• Marking : S9012
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S9012-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G_13 Datasheet
183Kb / 2P
PNP Silicon Transistors
More results


Similar Description - S9012-G

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
PNP SILICON TRANSISTORS
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
PNP SILICON TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
Silicon PNP Transistors
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
PNP Silicon Transistors
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
Silicon PNP Transistors
logo
Central Semiconductor C...
2N3494 CENTRAL-2N3494_15 Datasheet
327Kb / 3P
SILICON PNP TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com