Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9014-B Datasheet (PDF) - Micro Commercial Components

S9014-B Datasheet PDF - Micro Commercial Components
Part # S9014-B
Download  S9014-B Download
File Size   218.64 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

S9014-B Datasheet (PDF)

Go To PDF Page Download Datasheet
S9014-B Datasheet PDF - Micro Commercial Components

Part # S9014-B
Download  S9014-B Click to download

File Size   218.64 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Transistors

S9014-B Datasheet (HTML) - Micro Commercial Components


S9014-B Product details

Features
• TO-92 Plastic-Encapsulate Transistors
• Capable of 0.4Watts(Tamb=25°C) of Power Dissipation.
• Collector-current 0.1A
• Collector-base Voltage 50V
• Operating and storage junction temperature range: -55°C to +150°C
• Marking : S9014
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - S9014-B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9014-B MCC-S9014-B Datasheet
185Kb / 2P
NPN Silicon Transistors
S9014-B MCC-S9014-B_13 Datasheet
185Kb / 2P
NPN Silicon Transistors
More results


Similar Description - S9014-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com