Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR3150 Datasheet (PDF) - Micro Commercial Components

SR3150 Datasheet PDF - Micro Commercial Components
Part # SR3150
Download  SR3150 Download
File Size   209.84 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3 Amp Schottky Barrier Rectifier 150 Volts

SR3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR3150 Datasheet PDF - Micro Commercial Components

Part # SR3150
Download  SR3150 Click to download

File Size   209.84 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 3 Amp Schottky Barrier Rectifier 150 Volts

SR3150 Datasheet (HTML) - Micro Commercial Components


SR3150 Product details

Features

• Low Switching Noise

• Low Forward Voltage Drop

• High Current Capability

• High Surge Current Capability



Maximum Ratings

• Operating Temperature: -50℃ to +150℃

• Storage Temperature: -50℃ to +150℃

• Epoxy meets UL 94 V-0 flammability rating   Moisture Sensitivity Level 1




Similar Part No. - SR3150

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR3150 WTE-SR3150 Datasheet
61Kb / 4P
3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
SR3150 SEMTECH_ELEC-SR3150 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3150 SECOS-SR3150 Datasheet
248Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
SR3150 SECOS-SR3150 Datasheet
160Kb / 2P
3.0 Amp Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
SR3150 GXELECTRONICS-SR3150 Datasheet
324Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results


Similar Description - SR3150

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR1150 MCC-SR1150 Datasheet
221Kb / 3P
1 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150 Datasheet
231Kb / 2P
5 Amp Schottky Barrier Rectifier 150 Volts
MBRB30150CT MCC-MBRB30150CT Datasheet
381Kb / 3P
30 Amp Schottky Barrier Rectifier 150 Volts
SK3150 MCC-SK3150 Datasheet
480Kb / 3P
3 Amp Schottky Rectifier 150 Volts
SK3150A-L MCC-SK3150A-L Datasheet
480Kb / 3P
3 Amp Schottky Rectifier 150 Volts
SK3150B-L MCC-SK3150B-L Datasheet
481Kb / 3P
3 Amp Schottky Rectifier 150 Volts
SR1150 MCC-SR1150_13 Datasheet
156Kb / 3P
1 Amp Schottky Barrier Rectifier 150 Volts
SR3150 MCC-SR3150_13 Datasheet
172Kb / 2P
3 Amp Schottky Barrier Rectifier 150 Volts
SR5150 MCC-SR5150_13 Datasheet
256Kb / 2P
5 Amp Schottky Barrier Rectifier 150 Volts
logo
Shanghai Leiditech Elec...
SS3150A LEIDITECH-SS3150A Datasheet
1Mb / 2P
3 Amp Schottky Rectifier 150 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com