Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC400 Datasheet (PDF) - Sharp Corporation

PC400 Datasheet PDF - Sharp Corporation
Part # PC400
Download  PC400 Download
File Size   50.88 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact, Surface Mount Type OPIC Photocoupler

PC400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC400 Datasheet PDF - Sharp Corporation

Part # PC400
Download  PC400 Click to download

File Size   50.88 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Compact, Surface Mount Type OPIC Photocoupler

PC400 Datasheet (HTML) - Sharp Corporation


PC400 Product details

■ Features

1. Mini-flat package

2. “ Low ” output during light emission

3. Isolation voltage between input and output

   ( Viso: 3750V rms )

4. TTL and LSTTL compatible output

5. Recognized by UL(No.E64380)



■ Applications

1. Hybrid substrate which requires high density mounting

2. Personal computers, office computers and peripheral equipment

3. Electronic musical instruments



 




Similar Part No. - PC400

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
logo
Campbell Scientific Uni...
PC400 CAMPBELL-PC400 Datasheet
590Kb / 2P
Datalogger Support Software
02/21/2024
logo
Nihon Inter Electronics...
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
DIODE 400A Avg 1600 Volts
logo
Powertip Technology
PC4002 POWERTIP-PC4002 Datasheet
67Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC4002 POWERTIP-PC4002 Datasheet
71Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Similar Description - PC400

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
PC400J00000F SHARP-PC400J00000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com