Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMER45-KZ Datasheet (PDF) - AIMTEC

AMER45-KZ Datasheet PDF - AIMTEC
Part # AMER45-KZ
Download  AMER45-KZ Download
File Size   250.9 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to2000mA | AC-DC LED driver

AMER45-KZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMER45-KZ Datasheet PDF - AIMTEC

Part # AMER45-KZ
Download  AMER45-KZ Click to download

File Size   250.9 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description up to2000mA | AC-DC LED driver

AMER45-KZ Datasheet (HTML) - AIMTEC




Similar Part No. - AMER45-KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
up to 700mA | AC-DC LED driver
AMER4-KZ AIMTEC-AMER4-KZ Datasheet
176Kb / 2P
up to 700mA | AC-DC LED driver
AMER40-4275Z AIMTEC-AMER40-4275Z Datasheet
421Kb / 4P
up to 900mA | AC-DC LED driver
AMER40-4275Z AIMTEC-AMER40-4275Z Datasheet
421Kb / 4P
up to 900mA | AC-DC LED driver
AMER40-4290Z AIMTEC-AMER40-4290Z Datasheet
421Kb / 4P
up to 900mA | AC-DC LED driver
More results


Similar Description - AMER45-KZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEGR30-KZ-C1 AIMTEC-AMEGR30-KZ-C1 Datasheet
211Kb / 2P
up to1000mA | AC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
up to 0.7A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ Datasheet
519Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
up to 2A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
up to 2.5A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
up to 5A | AC-DC / DC-DC LED driver
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
up to 2.5A | AC-DC / DC-DC LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com